Part Number Hot Search : 
ISL6446A UCN5800 01160 UN221K N54LS 222M1 21010 2SB1242Q
Product Description
Full Text Search
 

To Download OX-4000-EAE-2580-20M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  OX-4000-EAE-2580-20M00 preliminary version: subject to technical modificat ion. ocxo www.vectron.com 20-may-26 by g?hrig, detlef index : p2 print ed 2011-05-26 ? page 1 of 3 vectron international ? product specifications ox-4000-eae-2580 nominal frequency (f0) 20 mhz frequency stabilities parameter frequency stability operating temp. range vs. operating temp. range (df/f@25 c) -25 to 25 ppb -40 ... 85 c parameter value condition initial tolerance (df/f0) -200 to 200 ppb @25 c vs. supply voltage change (df/f) -10 to 10 ppb static; 3.3 v 5 % vs. load change (df/f) -10 to 10 ppb static; load 5 % vs. aging / daily (df/f) < 1 ppb after 30 days ; @ 25 c vs. aging / month (df/f) < 25 ppb after 30 days ; @ 25 c vs. aging / year (df/f) < 100 ppb after 30 days ; @ 25 c vs. aging / 10 years (df/f) < 1 ppm after 30 days ; @ 25 c drift 24h over -40..85c: <50 ppb peak-peak rf output parameter value condition signal lvcmos load 15 pf 10 % rise time < 10 ns @ 10 to 90 %vout fall time < 10 ns @ 90 to 10 %vout duty cycle 45 / 55 % @ 1.65 v v low x < 0.4 v v high x > 2.4 v harmonics <- 30 dbc supply voltage parameter value condition supply voltage (vs) 3.3 v 5 % current consumption steady state < 330 ma @ vsnom & 25 c current consumption during warm up < 757 ma @ vs additional parameters parameter typ. max. condition phase noise -85 -60 dbc/hz@1hz -110 -90 dbc/hz@10hz -130 -115 dbc/hz@100hz -143 -130 dbc/hz@1khz -150 -145 dbc/hz@10khz parameter value condition warm-up time < 3 min @ 25 c to final frequency processing & packing handling &processing note additional environmental conditions rapid temperature changes mil-883-1010 cond b 1000 cycles -55/125c vibration mil-std-883 meth 2007 cond a 20g 20-2000hz 4x in ea ch 3axis 4 min fine/gross leakage mil-883-1014 a1/c4 shock mil-std-202 meth 213 cond.c 100g 6ms 6 shocks in ea ch direction solderability j_std_002b cond a leaded/ cond. b smd 245c (diving ti me 5 0,5sec.) diplook with 8h damp pre-treatment: solder wetting >95% solvent resistance mil-std-883 meth 2015 solv. 1,3,4 esd hbm jesd22-a114-a class 2 10* 2000v moisture sensit. level 1 jesd22-a113-b rohs compliance 100% rohs compliant
OX-4000-EAE-2580-20M00 preliminary version: subject to technical modificat ion. ocxo www.vectron.com 20-may-26 by g?hrig, detlef index : p2 print ed 2011-05-26 ? page 2 of 3 vectron international ? product specifications ox-4000-eae-2580 absolute maximum ratings parameter min typ max units condition supply voltage (vs) 6 v operable temperature range -40 85 c storage temperature range -40 85 c enclosure type g125c height 8.5 mm all units in mm pin connections pin 1: n.c. pin 7: gnd(case) pin 8: rf-output pin 14: vs (supply voltage) marking ox-4000-eae-2580 20,000 mhz * vi ayyww * pin-1 marking
OX-4000-EAE-2580-20M00 preliminary version: subject to technical modificat ion. ocxo www.vectron.com 20-may-26 by g?hrig, detlef index : p2 print ed 2011-05-26 ? page 3 of 3 vectron international ? product specifications ox-4000-eae-2580 standard shipping method 10 * 8 array / 80 units per tray notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for su pply voltage, frequency control voltage, load, temperature (25c) . preliminary version: subject to technical modificatio n.


▲Up To Search▲   

 
Price & Availability of OX-4000-EAE-2580-20M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X